Part Number Hot Search : 
2SC50 NTE987SM ER300 R5F2127 T1400J XCX01DNC ASI10 ACT32M
Product Description
Full Text Search
 

To Download CX25838 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  video video surveillance/security applications conexants portfolio includes a comprehensive suite of semiconductor solutions for communications and consumer applications. distinguishing features ? eight high-quality ntsc/pal video decoders: - anti-alias filters - 10-bit a/ds - 5-line comb filtering - independent scaling ? eight mono audio a/ds - variable sample rates - i 2 s outputs ? flexible digital video output formats at 27, 54, and 108 mhz - byte-interleaved - line-interleaved - frame-interleaved (requires external ddr2 memory) ? tiling and cascading functions (requires external ddr2 memory) ? programmable motion detection ? 48 gpio pins part number CX25838 description 8-channel audio/video decoder for surveillance systems 8-channel audio/video decoder for video surveillance systems CX25838 high quality audio and video decoders for surveillance applications the CX25838 eight-channel audio/video decoder was designed for surveillance applications. the CX25838 contains eight high quality ntsc/pal video decoders with 10-bit a/ds and 5-line comb filtering, to generate the highest quality digital video output with the lowest possible noise. this creates not only the best image quality for viewing, but enables lower bitrates for compression devices using the output of the CX25838. the video decoders within the CX25838 are optimized to lock to inputs with low signal levels as well as line-locked cameras, both of which are common in surveillance systems. each video decoder may be scaled independently and the CX25838 supports bt.656 as well as a variety of other interleaved digital video output formats. the CX25838 also contains eight high-quality mono audio a/ds with i 2 s outputs. direct-connection to multi-channel h.264 codecs the CX25838 supports byte, line, or frame-interleaved digital video outputs at 27, 54, or 108 mhz. byte and line interleaved outputs are supported entirely within the CX25838. frame-interleaved outputs require that the CX25838 interface with external ddr2 memory. the CX25838 supports i 2 s and multiplexed i 2 s audio outputs. additional features there are two variants of the CX25838 offered one with the external ddr2 interface, and one without the interface. when equipped with ddr2, the CX25838 supports frame-interleaved video outputs, as well as a 2x2 cif tiling mode, in which four cif images are tiled into a single d1 stream. for systems that require resolutions of half-d1 or lower, two CX25838 devices may be cascaded together to share external memory and codec interfaces. the CX25838 includes programmable motion detection logic, which can trigger flags over gpio pins when motion is detected on incoming analog video streams. the CX25838 contains 48 gpio pins, which maximize flexibility and allow customization to a variety of applications and designs. the i 2 c interface and motion detection flags are supported via gpios.
? 2008 conexant systems, inc. all rights reserved. conexant and the conexant logo are registered trademarks of conexant systems, inc. all other trademarks are owned by their respective owners. although conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice. this mate ria l is pr ov ided as is and without any express o r implied w arranties , i ncluding mer chanta bilit y, fitness for a pa r ticular purpose and non-infringement . conexant shall not be liable for any special, indirect, incidental or consequential damages as a result of its use. 08-2834 CX25838 block diagram video video surveillance/security applications the CX25838-1x (contains ddr2 interface) is offered in a 23mm x 23mm, 288 pin fpbga package. the CX25838-2x (no ddr2 interface) is offered in a 14mm x 14mm, 233 pin fpbga package. www.conexant.com general information: u.s. and canada: (888) 855-4562 international: 1+ (949) 483-3000 headquarters 4000 macarthur blvd. newport beach, ca 92660 doc# pbr-202314 analog video decoders 8x composite ntsc/pal 1 input/decoder 10-bit a/ds 5-line comb filters optimized for low-level inputs and line-locked cameras independently scaleable bt.656/vip2.0 digital video i/o configurable: 4x bt.656 @ 27, 54 and 108 mhz; byte, line, or frame-interleaved data1[7:0], clk1 8 cvbs inputs luma-based motion detection (x8) pll broadband audio a/ds 8x mono (4x stereo) 8 mono basedband audio inputs ddr2 interface (optional) 16-bit data ddr2 required for frame-interleaving and tiling ddr2 memory (optional) digital audio i/o i 2 s 16-bit @ 8, 16, 32, 44.1, or 48 khz; multiplex-able gpios 48 total gpio pins i 2 c control pins interrupts data2[7:0], clk2 data3[7:0], clk3 data4[7:0], clk4 mux-able i 2 s mux-able i 2 s mux-able i 2 s mux-able i 2 s i 2 c motion and board level interrupts external crystal conexant product portfolio conexants comprehensive product portfolio includes solutions for imaging, audio, video, and embedded-modem applications.


▲Up To Search▲   

 
Price & Availability of CX25838

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X